PART |
Description |
Maker |
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL6557CB ISL6557CB-T ISL6557 |
PWM Controller with Wide Input Voltage Range 8-SOIC -20 to 85 多相PWM控制器为核心电压调节 Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
DS8816A |
Dual-Phase PWM Controller with PWM-VID Reference
|
Richtek Technology Corp...
|
ISL6334D09 |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil Corporation
|
ISL6217 ISL6217CV ISL6217CV-T ISL6217CVZ ISL6217CV |
PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 PWM Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO38 Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV and IMVP-IV Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV垄芒 and IMVP-IV
|
Intersil, Corp. Intersil Corporation
|
EPM5032LC-20 EPM5032LI-25 EPM5032DC-15 EPM5032DC-2 |
UV-Erasable/OTP PLD Eval Board for ISL6504 Multiple Linear Power Controller with ACPI Control Interface Eval Board for ISL6296 FlexiHash For Battery Authentication Eval Board for ISL6527A Single Synchronous Buck Pulse-Width Modulation (PWM) Controller Eval Board for ISL6520 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller UV-Erasable/OTP可编程逻辑器件 Eval Board for ISL6310 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Cypress Semiconductor, Corp.
|
ISL6388 |
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
|
Renesas Electronics Corporation
|
ISL6334CIRZ ISL6334CCRZ ISL6334BCRZ ISL6334CCRZ-T |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL6269 |
Single Phase PWM Controller
|
Intersil Corporation
|
ISL6312 |
4-Phase Buck PWM Controller
|
Intersil Corporation
|